PART |
Description |
Maker |
M80-4T1164200-06-301-00-000 |
Datamate 2-Row Mix-Tek Female Vertical PC Tail Connector, No jackscrews, 16 x 3mm PC Tail signal contacts, 6 x 3mm PC Tail Coax contacts 22 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
CRIMPFOX-HCM-50-OHM |
Crimping pliers, for coaxial, male and female contacts acc. to DIN 41626, contacts HC-M-04-STKOAX-and HC-M-04-BU-KOAX-... 50 and 75 Ohms respectively
|
PHOENIX CONTACT
|
M83-LFC1F2N08-0400-325 |
Datamate 3-Row Mix-Tek Female Crimp Connector, Hex Socket jackscrews, 8 x Small bore signal contacts, 4 x 12 AWG Power contacts
|
HARWIN INC
|
M83-LFC1FBN19-0101-325 |
Datamate 3-Row Mix-Tek Female Crimp Connector, Hex Socket jackscrews with extended guide, 19 x Small bore signal contacts, 2 x 12 AWG Power contacts
|
HARWIN INC
|
50-84-2122 50-84-2020 50-84-2061 50-84-2091 |
MLX CAP 12CKT WHITE 94V0 4202212C 12 CONTACT(S), MALE AND FEMALE, POWER CONNECTOR, CRIMP, RECEPTACLE Header Connector,Cable Mnt,PLG/RCP,2 Contacts,PIN/SKT,0.25 Pitch,CRIMP Terminal,POLARIZED LCK RoHS Compliant: Yes 2 CONTACT(S), MALE AND FEMALE, POWER CONNECTOR, CRIMP, RECEPTACLE Header; No. of Contacts:6; Pitch Spacing:0.25"; No. of Rows:1; Gender:Female; Series:MLX; Body Material:Nylon 6/6 6 CONTACT(S), MALE AND FEMALE, POWER CONNECTOR, CRIMP, RECEPTACLE 9 CONTACT(S), MALE AND FEMALE, POWER CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc. MOLEX INC
|
M80-4000000F1-06-327-00-000 M80-4000000F1-06-325-0 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hexagonal jackscrews, no signal contacts, 6 x 16 AWG Power contacts 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, SOLDER Datamate 2-Row Mix-Tek Female Crimp Connector, Hexagonal jackscrews, no signal contacts, 6 x 12 AWG Power contacts 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, SOLDER 5 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Datamate 2-Row Mix-Tek Female Crimp Connector, Hexagonal jackscrews, no signal contacts, 2 x 14 AWG Power contacts
|
Harwin PLC HARWIN INC
|
09-50-1041 |
Multipole Connector; Gender:Female; Number of Contacts:4; Series:SPOX; Body Material:Nylon 6/6; Number of Rows:1 4 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Molex, Inc.
|
15-24-7247 15-24-7103 15-24-7161 15-24-7183 15-24- |
MiniFit BMI Rec Hdr AssyV-0 24Ckt PhB Au 24 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE Header; No. of Contacts:10; Pitch Spacing:4.2mm; No. of Rows:2; Series:BMI; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Straight Pin 10 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE MiniFit BMI Vt Rcpt Hdr Tin V-0 16Ckt 16 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE Header Connector,PCB Mnt,PLUG,18 Contacts,SKT,0.165 Pitch,PC TAIL Terminal RoHS Compliant: Yes 18 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE A-42385-18D2 V-0 18Ckt 18 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE MiniFit BMI Vt Rcpt Hdr Au V-0 16Ckt 16 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE Header Connector,PCB Mnt,PLUG,14 Contacts,SKT,0.165 Pitch,PC TAIL Terminal RoHS Compliant: Yes 14 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE Mini-Fit BMI Rec Hdr Assy V-0 24Ckt 15247242 Multipole Connector; Number of Contacts:6; Pitch Spacing:4.2mm; Number of Rows:2; Gender:Header; Series:42385; Body Material:PA Polyamide (Nylon) 6/6; Color:Natural, White; Connecting Termination:Thru-Hole; Contact Material:Brass
|
Molex, Inc. MOLEX INC
|
09-50-3151 09-50-3221 09-50-3241 09-50-3091 09-50- |
Header Connector,Cable Mnt,PLUG,15 Contacts,SKT,0.156 Pitch,POLARIZED LCK 15 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Header Connector,Cable Mnt,PLUG,22 Contacts,SKT,0.156 Pitch,POLARIZED LCK 22 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Header Connector,Cable Mnt,PLUG,24 Contacts,SKT,0.156 Pitch,POLARIZED LCK 24 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Connector Housing; Gender:Female; Number of Contacts:9; Series:2139; Body Material:PA Polyamide (Nylon); Connecting Termination:Crimp; Mounting Type:Header; Number of Rows:1; Pitch Spacing:3.96mm 9 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Connector Housing; Gender:Female; Number of Contacts:3; Series:2139; Body Material:PA Polyamide (Nylon); Connecting Termination:Crimp; Mounting Type:Header; Number of Rows:1; Pitch Spacing:3.96mm 3 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 156 KK Term Hsg W/Ramp Nylon 20Ckt 19 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 156 KK Term Hsg O/Ramp Nylon 7Ckt 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Header Connector,Cable Mnt,PLUG,11 Contacts,SKT,0.156 Pitch,POLARIZED LCK 11 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 156 KK Term Hsg W/Ramp Nylon 23Ckt 23 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 156 KK Term Hsg W/Ramp Nylon 14Ckt 156 KK Term Hsg W/Ramp Nylon 9Ckt 156 KK Term Hsg O/Ramp Nylon 10Ckt
|
Molex, Inc. MOLEX INC
|
15-45-3522 15-45-3570 15-45-3624 15-45-3532 15-45- |
Connector; Number of Contacts:22; Pitch Spacing:0.1"; Number of Rows:2; Mounting Type:PCB; Gender:Header 22 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid VT SMT Rcpt w/peg 15 SAu 70Ckt 70 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Header Connector,PCB Mnt,PLUG,24 Contacts,SKT,0.1 Pitch 24 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid VT SMT Rcpt w/peg 15 SAu 32Ckt 32 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT A-71395-0042 42 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT 15453614
|
Molex, Inc. MOLEX INC
|
22-55-2321 22-55-2441 22-55-2241 |
Multipole Connector; Number of Contacts:32; Pitch Spacing:0.1"; Number of Rows:2; Body Material:Polyester, Glass-filled; Connecting Termination:Crimp; Gender:Female 32 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP CGrid SL Hsg Opt A DR NPolar 44Ckt Multipole Connector; Number of Contacts:24; Pitch Spacing:0.1"; Number of Rows:2; Body Material:Polyester, Glass-filled; Color:Black; Connecting Termination:Crimp; Gender:Female; Series:70450
|
Molex, Inc. MOLEX INC
|
43645-0700 43645-1200 43645-0900 43645-1000 |
Multipole Connector; Gender:Female; Number of Contacts:7; Series:Micro-Fit 3.0; Body Material:Polyester; Number of Rows:1 7 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Multipole Connector; Gender:Female; No. of Contacts:12; Series:Micro-Fit 3.0; Body Material:Polyester; No. of Rows:1 RoHS Compliant: Yes 12 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Multipole Connector; Gender:Female; No. of Contacts:9; Series:Micro-Fit 3.0; Body Material:Polyester; No. of Rows:1 9 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Multipole Connector; Gender:Female; No. of Contacts:10; Series:Micro-Fit 3.0; Body Material:Polyester; No. of Rows:1 RoHS Compliant: Yes 10 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc.
|
|